PART |
Description |
Maker |
CA85C30-6CD CA85C30-6CJ CA85C30-6CP CA85C30-8ID CA |
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces N-channel 650 V @Tjmax- 0.53 O - 10 A - TO-220 /TO-220FP Zener-protected SuperMESH Power MOSFET Communications Controller 通信控制
|
STEC, Inc.
|
STM32F102X8 STM32F102XB STM32F102R8T6 STM32F102RBT |
Medium-density USB access line,ARM-based 32b MCU with 64/128KB Flash,USB FS interface,6 timers, ADC&8 com. interfaces
|
STMicroelectronics
|
STM32F100X4 STM32F100X6 STM32F100X8 |
Low & medium-density value line advanced ARM-based 32-bit MCU
|
ST Microelectronics
|
STM32F100C4H6B STM32F100C4H6BTR STM32F100C4H7B STM |
Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
|
STMicroelectronics
|
STM32F101RDT6XXX STM32F101ZET6TR |
High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces 32-BIT, FLASH, 36 MHz, RISC MICROCONTROLLER, PQFP144
|
STMicroelectronics
|
STM32L051K6 STM32L051T6 STM32L051T8 STM32L051C6 |
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
|
STMicroelectronics
|
STM32F103T8U7 STM32F103V8 STM32F103RB |
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
|
STMicroelectronics
|
STM32F102CB |
Mainstream USB Access line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 48 MHz CPU, USB FS
|
STMicroelectronics N.V.
|
STM32F051K6U6 |
Low- and medium-density advanced ARM?based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
|
STMicroelectronics
|
LUCL9310GP-DT L9310 LUCL9310AP-D LUCL9310AP-DT LUC |
Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
|
AGERE[Agere Systems]
|
STM32F051K8 STM32F051R6 STM32F051X8 STM32F051C4 ST |
Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces Low- and medium-density advanced ARM?based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
|
STMicroelectronics
|
QL2009 QL2009-0PB256C QL2009-0PB256I QL2009-0PF144 |
3.3V and 5.0V pASIC 2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASIC? 2 FPGA Combining Speed Density Low Cost and Flexibility 3.3V and 5.0V pASICò 2 FPGA 3.3V and 5.0V pASIC? 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed/ Density/ Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件) PT 6C 6#20 PIN RECP PT 8C 8#20 PIN RECP 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V.0V帕希奇? 2 FPGA的结合速度,密度,低成本和灵活
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. QuickLogic Corp.
|